Part Number Hot Search : 
11150 S22KFC3T B80NF AAT3134 X3225 SB240 2T253 2SC3409
Product Description
Full Text Search
 

To Download SB2201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact Technology
SB220 thru SB2200
REVERSE VOLTAGE - 20 to 200Volts FORWARD CURRENT - 2.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
A
DO-15
B A
C D
MECHANICAL DATA
Case : JEDEC DO-15 molded plastic Polarity : Color band denotes cathode Weight : 0.373 grams Mounting position : Any
Dim. A
DO-15 Min.
Max.
25.4 5.80 7.60 B 0.70 0.90 C 2.60 3.60 D All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range Storage Temperature Range
SYMBOL V RRM V RMS V DC IF IFSM VF IR CJ R
JA
SB 220 20 14 20
SB 230 30 21 30
SB 240 40 28 40
SB 250 50 35 50
SB 260 60 42 60 2.0 50.0
SB 280 80 56 80
SB 2100 100 70 100
SB 2150 150 105 150
SB 2200 200 140 200
UNIT V V V A A
0.50 0.5 10.0 150
0.70
0.85 0.2 5.0
0.87
0.90
V mA
110 60 -55 to +125 -55 to +150
80
70
pF C/W
TJ TSTG
-55 to +150 -55 to +150
C C
CTC0077 Ver. 3.0
1of 2
SB220 thru SB2200
Compact Technology
SB220 thru SB2200
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
5.0
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
100.00 SB220~SB240 INSTANTANEOUS FORWARD CURRENT (A) SB250~SB260 SB280~SB2100 10.00 SB2150~SB2200
AVERAGE FORWARD CURRENT,(A)
4.0
3.0
1.00
2.0
1.0
SB220-SB260
SB280-SB2200
0.10
0.0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE ( )
0.01 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 FORWARD VOLTAGE (V)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
50
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100.000
PEAK FORWARD SURGE CURRENT (A)
40
REVERSE LEAKAGE CURRENT (mA)
10.000
30
1.000
100
20
0.100
10
0.010
25
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0.001 20% 40% 60% 80% 100% PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
500
JUNCTION CAPACITANCE (pF)
400
SB220~SB240 SB250~SB260 SB280~SB2100
300
SB2150~SB2200
200
100
0 0 1 10 100 REVERSE VOLTAGE (V)
CTC0077 Ver. 3.0
2 of 2
SB220 thru SB2200


▲Up To Search▲   

 
Price & Availability of SB2201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X